PART |
Description |
Maker |
AK616256D |
Static Ran dom Ac cess Memory
|
ACCUTEK MICROCIRCUIT CORPORATION
|
R6031.522PSYA R6221.530PSYA R6220.530PSYA R9GS2010 |
220 A, 150 V, SILICON, RECTIFIER DIODE R60, 1 PIN 300 A, 150 V, SILICON, RECTIFIER DIODE R62, 2 PIN 300 A, 50 V, SILICON, RECTIFIER DIODE R62, 2 PIN 1000 A, 2000 V, SILICON, RECTIFIER DIODE R9G, 2 PIN 350 A, 2200 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 200 A, 1500 V, SILICON, RECTIFIER DIODE 1500 A, 1200 V, SILICON, RECTIFIER DIODE 125 A, 800 V, SILICON, RECTIFIER DIODE 150 A, 1200 V, SILICON, RECTIFIER DIODE 400 A, 200 V, SILICON, RECTIFIER DIODE 800 A, 3200 V, SILICON, RECTIFIER DIODE 350 A, 700 V, SILICON, RECTIFIER DIODE 400 A, 900 V, SILICON, RECTIFIER DIODE 100 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1500 V, SILICON, RECTIFIER DIODE 1000 A, 1700 V, SILICON, RECTIFIER DIODE 800 A, 3100 V, SILICON, RECTIFIER DIODE 250 A, 50 V, SILICON, RECTIFIER DIODE 800 A, 3600 V, SILICON, RECTIFIER DIODE 330 A, 500 V, SILICON, RECTIFIER DIODE
|
Powerex, Inc. POWEREX INC
|
JHV3680 JHV36 JHV3612 JHV3616 JHV3620 JHV3624 JHV3 |
High Voltage Rectifier; Package: SEE_FACTORY; IO (A): 54; IFSM (A): 1200; Vrwm (V): 28000; IR (µA): 6000; SILICON, VOLTAGE MULTIPLIER DIODE HIGH VOLTAGE RECTIFIER ASSEMBLY
|
MICROSEMI[Microsemi Corporation]
|
SD275SA45B |
SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 ∑C TJ Operation) 120 A, SILICON, RECTIFIER DIODE
|
Sensitron Semiconductor
|
IR180DR-G06PBF IR150DR-G08PBF IR150DR-G04PBF IR180 |
25 A, 600 V, SILICON, RECTIFIER DIODE 16 A, 800 V, SILICON, RECTIFIER DIODE 16 A, 400 V, SILICON, RECTIFIER DIODE 25 A, 200 V, SILICON, RECTIFIER DIODE 25 A, 1000 V, SILICON, RECTIFIER DIODE 16 A, 1200 V, SILICON, RECTIFIER DIODE 16 A, 100 V, SILICON, RECTIFIER DIODE
|
TT electronics Semelab, Ltd.
|
BYQ30E BYQ30E-150 BYQ30E-200 BYQ30EB-150 BYQ30EB-2 |
Ultra low drop voltage regulators compatible with low ESR inhibit output capacitors 整流二极管超快。崎 Rectifier diodes ultrafast, rugged 8 A, 150 V, SILICON, RECTIFIER DIODE Rectifier diodes ultrafast, rugged 8 A, 200 V, SILICON, RECTIFIER DIODE SERVSELECT PS/2 30FT CPU CABLE Rectifier diodes ultrafast, rugged(超快速、强化的整流器二极管) Rectifier diodes ultrafast/ rugged
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
RS406L RS404L RS405L RS407L RS401L RS402L RS403L |
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere) 4 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE
|
RECTRON[Rectron Semiconductor]
|
JHV37H2O PHV616 |
High Voltage Rectifier; Package: SEE_FACTORY; IO (A): 85; Vrwm (V): 20000; IR (µA): 50; 85 A, SILICON, RECTIFIER DIODE High Voltage Rectifier; Package: SEE_FACTORY; IO (A): 15; IFSM (A): 400; Vrwm (V): 16000; IR (µA): 5000; 20 A, SILICON, RECTIFIER DIODE
|
Microsemi, Corp.
|
UF1001 UF1002 UF1003 UF1004 UF1005 UF1006 UF1007 |
Ultra Fast Recovery Pack: DO-41 ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE拢潞50 TO 1000V CURRENT拢潞 1.0A ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE?0 TO 1000V CURRENT 1.0A ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE?0 TO 1000V CURRENT?/a> 1.0A ULTRAFAST EFFICIENT PLASTIC SILICON RECTIFIER VOLTAGE?0 TO 1000V CURRENT?1.0A
|
Gulf Semiconductor
|
MD4 MD7 MD5 MD3 MD6 MD6-W |
0.5 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE SINGLE-PHASE GLASS PASSIVATED SILICON MINI BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Ampere
|
RECTRON LTD Rectron Semiconductor
|
GBL400 GBL404 GBL402 GBL401 GBL406 GBL408 |
Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 800V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 600V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 100V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 200V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). Miniature single-phase silicon bridge rectifier. Max recurrent peak reverse voltage 400V. Max average forward rectified output current 4.0A(Tc=50degC), 3.0A(Tj=40degC). IN-LINE MINIATURE SINGLE PHASE SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 4.0 Amperes) Aluminum Polymer SMT Capacitor; Capacitance: 1000uF; Voltage: 4V; Case Size: 10x8 mm; Packaging: Tape & Reel
|
PANJIT[Pan Jit International Inc.] PanJit International Inc.
|
|